|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD TO-92 Plastic-Encapsulate Transistors 8550S TRANSISTORPNP (c) TO 92 FEATURE Power dissipation PCM : 0.625 W Tamb=25ae(c) Collector current ICM : -0.5 A Collector-base voltage V(BR)CBO : -40 V Operating and storage junction temperature range T J T stg: -55aeto +150ae ELECTRICAL CHARACTERISTICS Tamb=25ae Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEO IEBO hFE(c) 1 DC current gain hFE(c) 2 Collector-emitter saturation voltage Base-emitter saturation voltage VCE(sat) VBE(sat) 1.EMITTER 2. COLLECTOR 3.BASE 123 unless Test otherwise MIN specified(c) TYP MAX UNIT V V V -0.1 -0.1 -0.1 |I A |I A |I A conditions Ic= -100|I , IE=0 A Ic= -0.1 mA IB=0 IE= -100|I A IC=0 VCB= -40 V , VCE= -20 V , VEB= - 3 IE=0 IB=0 -40 -25 -5 V IC=0 85 50 VCE= -1 V, IC= -50m A VCE= -1 V, IC= -500m A IC=-500mA, IB=-50 mA IC=-500mA, IB=-50 mA VCE=- 6 V, I =-20mA C 300 -0.6 -1.2 V V Transition frequency fT f =30MHz 150 MHz CLASSIFICATION OF hFE(1) Rank Range B 85-160 C 120-200 D 160-300 TO-92 PACKAGE OUTLINE DIMENSIONS D D1 A A1 E b |O e e1 Symbol A A1 b c D D1 E e e1 L O Dimensions In Millimeters Min 3.300 1.100 0.380 0.360 4.400 3.430 4.300 1.270TYP 2.440 14.100 0.000 2.640 14.500 1.600 0.380 4.700 Max 3.700 1.400 0.550 0.510 4.700 Min L Dimensions In Inches Max 0.146 0.055 0.022 0.020 0.185 0.185 0.050TYP 0.096 0.555 0.000 0.104 0.571 0.063 0.015 0.130 0.043 0.015 0.014 0.173 0.135 0.169 C |
Price & Availability of 8550S-TO-92 |